|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SMD Schottky Barrier Rectifier COMCHIP www.comchip.com.tw CDBA220 Thru CDBA2100 Reverse Voltage: 20 - 100 Volts Forward Current: 2.0 Amp Features DO-214AC (SMA) Ideal for surface mount applications Easy pick and place Plastic package has Underwriters Lab. flammability classification 94V-0 Built-in strain relief Low forward voltage drop 0.067(1.70) 0.051(1.29) 0.180(4.57) 0.160(4.06) 0.110(2.79) 0.086(2.18) Mechanical Data 0.091(2.31) 0.067(1.70) 0.012(0.31) 0.006(0.15) Case: JEDEC DO-214AC molded plastic Terminals: solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting position: Any Approx. Weight:0.064 gram 0.059(1.50) 0.035(0.89) 0.209(5.31) 0.185(4.70) 0.008(0.20) 0.004(0.10) Dimensions in inches and (millimeters) Maximum Ratings and Electrical Characterics Parameter Max.Repetitive Peak Reverse Voltage Max. DC Blocking Voltage Max. RMS Voltage Peak Surge Forward Current 8.3ms single half sine-wave superimposed on rate load ( JEDEC method ) Max. Average Forward Current Max. Instantaneous Forward Current at 2.0 A Max. DC Reverse Current at Rated DC Blocking Voltage Ta=25 C Ta=100 C Max. Thermal Resistance (Note 1) Operating Junction temperature Storage Temperature R R JA JL Symbol VRRM VDC VRMS IFSM CDBA220 CDBA240 CDBA260 CDBA2100 Unit V V V A 20 20 14 40 40 28 60 60 42 100 100 70 50 Io VF IR 20 0.50 2.0 0.70 0.85 A V mA 10 0.5 75 17 -50 to +125 -65 to +150 C/W C C Tj TSTG Note 1: Thermal resistance from junction to ambient and junction to to lead P.C.B. Mounted on 0.2 x 0.2 copper pad areas MDS0208008B Page 1 SMD Schottky Barrier Rectifier COMCHIP www.comchip.com.tw Rating and Characteristic Curevs (CDBA220 Thru CDBA2100) Fig. 1 - Reverse Characteristics 100 100 Fig.2 - Forward Characteristics CDBA220-240 CDBA260 Reverse Current ( mA ) 10 Forward Current ( A ) 10 CDBA280-2100 1 Tj=75 C 1 0.1 0.1 Tj=25 C 0.01 0.01 Tj=25 C Pulse width 300uS 4% duty cycle 0 20 40 60 80 100 120 140 160 180 200 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 Forward Voltage (V) 1.9 2.1 Percent of Rated Peak Reverse Voltage (%) Fig. 3 - Junction Capacitance 350 Fig. 4 - Current Derating Curve Junction Capacitance (pF) 250 200 150 100 50 0 0.01 0.1 1.0 10 100 Average Forward Current ( A ) 300 =1MHz and applied 4VDC reverse voltage 2.4 2.0 CD 1.6 1.2 0.8 0.4 0 20 40 60 80 BA Reverse Voltage (V) Ambient Temperature ( C) CD 100 26 BA 22 024 0 021 00 120 140 160 Fig. 5 - Non Repetitive Forward Surge Current Peak Surge Forward Current ( A ) 50 8.3mS Single Half Sine Wave JEDEC methode 40 30 Tj=25 C 20 10 0 1 5 10 50 1 00 Number of Cycles at 60Hz MDS0208008B Page 2 |
Price & Availability of CDBA240 |